Part Number Hot Search : 
PSEXXXXX EM518 MH110 BA7781 DG508 SBR1060 TA7256 UPG2118
Product Description
Full Text Search
 

To Download IFRM08P1701KS35L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  21/4/2011 ifrm 08 (short) 1 inductive proximity switch inductive sensors www.baumer.com general data mounting type shielded nominal sensing distance sn 2 mm hysteresis 3 ... 20 % of sr electrical data switching frequency < 5 khz voltage supply range +vs 10 ... 30 vdc current consumption max. 12 ma voltage drop vd < 2 vdc output current < 200 ma short circuit protection yes reverse polarity protection yes mechanical data type cylindrical threaded material (sensing face) pbt housing material stainless steel dimension 8 mm cable, 2 m housing length 30 mm fylead connector m8 housing length 30 mm connector m8 housing length 36 mm ambient conditions operating temperature -25 ... +75 c protection class ip 67 sample picture sample drawing 24 m8 x 1 m8 x 1 sw 13 36 3x le d standard cable length 200 mm (l)
21/4/2011 ifrm 08 (short) 2 inductive proximity switch inductive sensors www.baumer.com order reference connection types output circuit output indicator ifrm 08n1701/ks35l fylead connector m8 npn make function (no) led red ifrm 08n1701/l cable, 2 m npn make function (no) led red ifrm 08n17a3/s35l connector m8 npn make function (no) 3 port led red ifrm 08n3701/ks35l fylead connector m8 npn break function (nc) led red ifrm 08n3701/l cable, 2 m npn break function (nc) led red ifrm 08n37a3/s35l connector m8 npn break function (nc) 3 port led red ifrm 08p1701/ks35l fylead connector m8 pnp make function (no) led red ifrm 08p1701/l cable, 2 m pnp make function (no) led red ifrm 08p17a3/s35l connector m8 pnp make function (no) 3 port led red ifrm 08p3701/ks35l fylead connector m8 pnp break function (nc) led red ifrm 08p3701/l cable, 2 m pnp break function (nc) led red ifrm 08p37a3/s35l connector m8 pnp break function (nc) 3 port led red


▲Up To Search▲   

 
Price & Availability of IFRM08P1701KS35L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X